PART |
Description |
Maker |
TWT4805-15BI TWT1205-15BI TWT4805-15BZ TWT2405-15B |
COMPLEMENTARY SILICON POWER TRANSISTORS High power NPN silicon transistor Silicon NPN switching transistor Silicon NPN transistor PNP power transistor Small signal NPN transistor Medium power NPN silicon transistor Dual npn-pnp complementary bipolar transistor Complementary power transistors NPN power transistors 模拟IC Analog IC 模拟IC
|
RECOM Electronic GmbH Vishay Intertechnology, Inc.
|
MJ16018 MJW16018 ON1986 |
Power 10A 800V NPN From old datasheet system NPN Silicon Power Transistors POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS 10 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-247AE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
MJW16110 MJ16110 ON1988 |
POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS 15 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system NPN Silicon Power Transistors
|
Motorola Mobility Holdings, Inc. http:// MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJ10016 ON1971 MJ10015 |
NPN SILICON POWER DARLINGTON TRANSISTORS 50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS From old datasheet system
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BD135 BD139 ON0184 BD137 |
Plastic Medium Power Silicon NPN Transistor 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-225AA POWER TRANSISTORS NPN SILICON CASE 77-09 TO-225AA TYPE From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2SC4414 |
NPN Epitaxial Planar Silicon Transistors Low-Frequency Power Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2N6338 2N6339 2N6341 2N6340 2N6338-D |
High-Power NPN Silicon Transistors POWER TRANSISTORS NPN SILICON
|
ONSEMI[ON Semiconductor]
|
MJE13002 MJE13003 |
1.400W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 1.500A Ic, 8 - 40 hFE. NPN EPITAXIAL SILICON POWER TRANSISTORS
|
Continental Device India Limited
|
PMD11K80 PMD11K PMD11K100 PMD11K60 PMD10K80 PMD10K |
Silicon Power Darlington Transistors SILICON POWER DARLING TRANSISTORSl 12 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SB531 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
MJ2500 MJ2501 |
Silicon PNP Power Transistors Silicon NPN Power Transistors
|
Savantic, Inc.
|